PART |
Description |
Maker |
CTS08G-09015-0D CTS08G-09015-0DM |
824 MHz - 894 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.5 dBi GAIN, 90 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
CTS08G-06515-0D CTS08G-06515-0DM |
824 MHz - 960 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.2 dBi GAIN, 65 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
BCAH180-300H-D BCAH045-285-V |
28250 MHz - 31300 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 18 dBi GAIN, 180 deg 3dB BEAMWIDTH 26350 MHz - 28500 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 23.8 dBi GAIN
|
ANDREW CORP
|
HMC44606 HMC446 |
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
|
Hittite Microwave Corporation
|
HMC446 |
GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
|
HITTITE[Hittite Microwave Corporation]
|
SMR08-06016-9D |
806 MHz - 869 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 60 dBi GAIN, 60 deg 3dB BEAMWIDTH
|
ANDREW CORP
|
CHP0230-PM CHP0230-PM-0000 CHP0230-PM-000T |
824 MHz - 849 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module 82449兆赫28.5 dBm的,蜂窝的InGaP HBT功率放大器模
|
MIMIX BROADBAND INC Electronic Theatre Controls, Inc. CELERITEK ETC N.A. List of Unclassifed Manufacturers
|
978H105T3N-KL 978H105T2B-KL 978H105T3B-KL 978H105T |
1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15.6 dBi GAIN, 105 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.1 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 13.6 dBi GAIN, 120 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15.1 dBi GAIN, 120 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 15.1 dBi GAIN, 120 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 17.1 dBi GAIN, 90 deg 3dB BEAMWIDTH
|
Nanya Technology, Corp.
|
SD1420 2797 |
800-900 MHz BASE STATION APPLICATIONS RF & MICROWAVE TRANSISTORS RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BLM6G22-30 BLM6G22-30G |
Product description30 W LDMOS 2-stage power MMIC for base station applications at frequencies from 2100 MHz to 2200 MHz. Available in gull wing for surface mount (SOT822-1) or flat lead (SOT834-1).
|
NXP Semiconductors N.V.
|
ACTF070094-PKXS |
70 MHz Standard Filter for Base Station application.
|
Advanced Crystal Technology
|